Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS361UDJ Datasheet (PDF) - Diodes Incorporated

1SS361UDJ Datasheet PDF - Diodes Incorporated
Part # 1SS361UDJ
Download  1SS361UDJ Download
File Size   116.77 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL SURFACE MOUNT SWITCHING DIODE

1SS361UDJ Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS361UDJ Datasheet PDF - Diodes Incorporated

Part # 1SS361UDJ
Download  1SS361UDJ Click to download

File Size   116.77 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL SURFACE MOUNT SWITCHING DIODE

1SS361UDJ Datasheet (HTML) - Diodes Incorporated


1SS361UDJ Product details

Features
• Fast Switching Speed
• Ultra-Small Surface Mount Package (1.0 x 0.8mm)
• Ultra-Low Profile Package (0.45mm)
• Low Forward Voltage: typ of 0.62V at IF = 1.0mA
• Fast Reverse Recovery: max of 4.0ns
• Low Capacitance: max of 3.0pF
• Low Reverse Leakage Current
• Ideal for Battery Powered Portable Applications
• Lead Free By Design/RoHS Compliant (Note 1)
• Halogen and Antimony Free "Green" Device (Notes 2 & 3)




Similar Part No. - 1SS361UDJ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ_15 Datasheet
100Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Similar Description - 1SS361UDJ

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
BAS116UDJ DIODES-BAS116UDJ_15 Datasheet
92Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 3
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com