Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25S16 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25S16 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25S16
Download  EN25S16 Download
File Size   1066.27 Kbytes
Page   58 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S16 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25S16 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25S16
Download  EN25S16 Click to download

File Size   1066.27 Kbytes
Page   58 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector

EN25S16 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25S16 Product details

GENERAL DESCRIPTION

The EN25S16 is a 16 Megabit (2048K-byte) Serial Flash memory, with advanced write protection mechanisms. The EN25S16 supports the standard Serial Peripheral Interface (SPI), and a high performance Dual output as well as Dual, Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI) and DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 80MHz are supported allowing equivalent clock rates of 160MHz for Dual Output and 320MHz for Quad Output when using the Dual/Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.



FEATURES

• Single power supply operation

- Full voltage range: 1.65-1.95 volt

• Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

• 16 M-bit Serial Flash

- 16 M-bit / 2048 KByte /8192 pages

- 256 bytes per programmable page

• Standard, Dual or Quad SPI

- Standard SPI: CLK, CS#, DI, DO, WP#

- Dual SPI: CLK, CS#, DQ0, DQ1, WP#

- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3

•High performance

- 104MHz clock rate for one data bit

- 80MHz clock rate for two data bits

- 80MHz clock rate for four data bits

•Burst Modes

- Continuous linear burst

- 8/16/32/64/128/256 linear burst with wrap around

• Low power consumption

- 12 mA typical active current

- 1μA typical power down current




Similar Part No. - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Similar Description - EN25S16

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com