Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN71PL032A0A Datasheet (PDF) - Eon Silicon Solution Inc.

EN71PL032A0A Datasheet PDF - Eon Silicon Solution Inc.
Part # EN71PL032A0A
Download  EN71PL032A0A Download
File Size   333.38 Kbytes
Page   8 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description Stacked Multi-Chip Product (MCP) Flash Memory and RAM

EN71PL032A0A Datasheet (PDF)

Go To PDF Page Download Datasheet
EN71PL032A0A Datasheet PDF - Eon Silicon Solution Inc.

Part # EN71PL032A0A
Download  EN71PL032A0A Click to download

File Size   333.38 Kbytes
Page   8 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description Stacked Multi-Chip Product (MCP) Flash Memory and RAM

EN71PL032A0A Datasheet (HTML) - Eon Silicon Solution Inc.


EN71PL032A0A Product details

EN71PL032A Base MCP    

Stacked Multi-Chip Product (MCP) Flash Memory and RAM

32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous

Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM



General Description

The EN71PL series is a product line of stacked Multi-Chip Product (MCP) packages and consists of:

■EN29PL032A (Simultaneous Read/Write) Flash memory die.

■ Pseudo SRAM.



Distinctive Characteristics

MCP Features

■ Power supply voltage of 2.7 V to 3.3V

■ High performance

    - 70 ns

■ Package

    - 7 x 9 x 1.2mm 56 ball FBGA

■ Operating Temperature

    - 25°C to +85°C




Similar Part No. - EN71PL032A0A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0-70CW EON-EN71PL032A0-70CW Datasheet
212Kb / 7P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0-70CWP EON-EN71PL032A0-70CWP Datasheet
212Kb / 7P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0-70CWP EON-EN71PL032A0-70CWP Datasheet
424Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
More results


Similar Description - EN71PL032A0A

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71NS128B0 EON-EN71NS128B0 Datasheet
639Kb / 8P
Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com