Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K53P144M100SF2V2 Datasheet (PDF) - Freescale Semiconductor, Inc

K53P144M100SF2V2 Datasheet PDF - Freescale Semiconductor, Inc
Part # K53P144M100SF2V2
Download  K53P144M100SF2V2 Download
File Size   1987.52 Kbytes
Page   85 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description K53 Sub-Family

K53P144M100SF2V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
K53P144M100SF2V2 Datasheet PDF - Freescale Semiconductor, Inc

Part # K53P144M100SF2V2
Download  K53P144M100SF2V2 Click to download

File Size   1987.52 Kbytes
Page   85 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description K53 Sub-Family

K53P144M100SF2V2 Datasheet (HTML) - Freescale Semiconductor, Inc


K53P144M100SF2V2 Product details

Features
• Operating Characteristics
   – Voltage range: 1.71 to 3.6 V
   – Flash write voltage range: 1.71 to 3.6 V
   – Temperature range (ambient): -40 to 85°C
• Performance
   – Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
• Memories and memory interfaces
   – Up to 512 KB program flash memory on nonFlexMemory devices
   – Up to 256 KB program flash memory on FlexMemory devices
   – Up to 256 KB FlexNVM on FlexMemory devices
   – 4 KB FlexRAM on FlexMemory devices
   – Up to 128 KB RAM
   – Serial programming interface (EzPort)
   – FlexBus external bus interface
• Clocks
   – 3 to 32 MHz crystal oscillator
   – 32 kHz crystal oscillator
   – Multi-purpose clock generator
• System peripherals
   – Multiple low-power modes to provide power optimization based on application requirements
   – Memory protection unit with multi-master protection
   – 16-channel DMA controller, supporting up to 63 request sources
   – External watchdog monitor
   – Software watchdog
   – Low-leakage wakeup unit
• Security and integrity modules
   – Hardware CRC module to support fast cyclic redundancy checks
   – Hardware random-number generator
   – Hardware encryption supporting DES, 3DES, AES, MD5, SHA-1, and SHA-256 algorithms
   – 128-bit unique identification (ID) number per chip
• Human-machine interface
   – Segment LCD controller supporting up to 40 frontplanes and 8 backplanes, or 44 frontplanes and 4 backplanes, depending on the package size
   – Low-power hardware touch sensor interface (TSI)
   – General-purpose input/output
• Analog modules
   – Two 16-bit SAR ADCs
   – Programmable gain amplifier (PGA) (up to x64) integrated into each ADC
   – Two 12-bit DACs
   – Two operational amplifiers
   – Two transimpedance amplifiers
   – Three analog comparators (CMP) containing a 6-bit DAC and programmable reference input
   – Voltage reference
• Timers
   – Programmable delay block
   – Eight-channel motor control/general purpose/PWM timer
   – Two 2-channel quadrature decoder/general purpose timers
   – IEEE 1588 timers
   – Periodic interrupt timers
   – 16-bit low-power timer
   – Carrier modulator transmitter
   – Real-time clock

• Communication interfaces
   – Ethernet controller with MII and RMII interface to external PHY and hardware IEEE 1588 capability
   – USB full-/low-speed On-the-Go controller with on-chip transceiver
   – Three SPI modules
   – Two I2C modules
   – Six UART modules
   – Secure Digital host controller (SDHC)
   – I2S module




Similar Part No. - K53P144M100SF2V2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
K53P144M100SF2V2 NXP-K53P144M100SF2V2 Datasheet
1Mb / 88P
K53 Sub-Family
Rev. 3, 6/2013
More results


Similar Description - K53P144M100SF2V2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K10P100M100SF2V2 FREESCALE-K10P100M100SF2V2 Datasheet
1Mb / 69P
K10 Sub-Family
K20P48M50SF0 FREESCALE-K20P48M50SF0 Datasheet
1Mb / 60P
K20 Sub-Family
K20P81M100SF2V2 FREESCALE-K20P81M100SF2V2 Datasheet
1Mb / 71P
K20 Sub-Family
K30P81M100SF2V2 FREESCALE-K30P81M100SF2V2 Datasheet
1Mb / 66P
K30 Sub-Family
K40P81M100SF2V2 FREESCALE-K40P81M100SF2V2 Datasheet
1Mb / 72P
K40 Sub-Family
K51P64M72SF1 FREESCALE-K51P64M72SF1 Datasheet
1Mb / 74P
K51 Sub-Family
K60P100M100SF2V2 FREESCALE-K60P100M100SF2V2 Datasheet
1Mb / 76P
K60 Sub-Family
K20P144M120SF3_1210 FREESCALE-K20P144M120SF3_1210 Datasheet
1Mb / 86P
K20 Sub-Family
logo
NXP Semiconductors
K53P144M100SF2 NXP-K53P144M100SF2 Datasheet
2Mb / 83P
K53 Sub-Family
Rev. 7, 02/2013
K53P144M100SF2V2 NXP-K53P144M100SF2V2 Datasheet
1Mb / 88P
K53 Sub-Family
Rev. 3, 6/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com