Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20XS4200 Datasheet (PDF) - Freescale Semiconductor, Inc

20XS4200 Datasheet PDF - Freescale Semiconductor, Inc
Part # 20XS4200
Download  20XS4200 Download
File Size   1592.72 Kbytes
Page   60 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 24 V, 20 mOhm High Side Switch

20XS4200 Datasheet (PDF)

Go To PDF Page Download Datasheet
20XS4200 Datasheet PDF - Freescale Semiconductor, Inc

Part # 20XS4200
Download  20XS4200 Click to download

File Size   1592.72 Kbytes
Page   60 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Dual 24 V, 20 mOhm High Side Switch

20XS4200 Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - 20XS4200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
20XS4200 NXP-20XS4200 Datasheet
1Mb / 71P
Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
20XS4200 NXP-20XS4200 Datasheet
2Mb / 71P
Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
More results


Similar Description - 20XS4200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
Dual 24 V, 10 mOhm High Side Switch
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com