Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF8S7235N Datasheet (PDF) - Freescale Semiconductor, Inc

MRF8S7235N Datasheet PDF - Freescale Semiconductor, Inc
Part # MRF8S7235N
Download  MRF8S7235N Download
File Size   410.2 Kbytes
Page   13 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MRF8S7235N Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF8S7235N Datasheet PDF - Freescale Semiconductor, Inc

Part # MRF8S7235N
Download  MRF8S7235N Click to download

File Size   410.2 Kbytes
Page   13 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor

MRF8S7235N Datasheet (HTML) - Freescale Semiconductor, Inc


MRF8S7235N Product details

728--768 MHz, 63 W AVG., 28 V SINGLE W--CDMA LATERAL N--CHANNEL RF POWER MOSFET

Designed for base station applications with frequencies from 728 to 768 MHz. Can be used in Class AB and Class C for all typical cellular base station modulation formats.

• Typical Single--Carrier W--CDMA Performance: VDD = 28 Volts, IDQ = 1400 mA, Pout = 63 Watts Avg., IQ Magnitude Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF.
• Capable of Handling 10:1 VSWR, @ 32 Vdc, 748 MHz, 360 Watts CW Output Power (3 dB Input Overdrive from Rated Pout), Designed for Enhanced Ruggedness
• Typical Pout @ 1 dB Compression Point ≃ 260 Watts CW

Features
• 100% PAR Tested for Guaranteed Output Power Capability
• Characterized with Series Equivalent Large--Signal Impedance Parameters and Common Source S--Parameters
• Internally Matched for Ease of Use
• Integrated ESD Protection
• Greater Negative Gate--Source Voltage Range for Improved Class C Operation
• Designed for Digital Predistortion Error Correction Systems
• Optimized for Doherty Applications
• 225°C Capable Plastic Package
• In Tape and Reel. R3 Suffix = 250 Units, 32 mm Tape Width, 13 inch Reel.




Similar Part No. - MRF8S7235N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S7170N FREESCALE-MRF8S7170N Datasheet
341Kb / 13P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S7170NR3 FREESCALE-MRF8S7170NR3 Datasheet
341Kb / 13P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Similar Description - MRF8S7235N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF377 MOTOROLA-MRF377 Datasheet
1Mb / 12P
RF POWER FIELD EFFECT TRANSISTOR
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com