Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM6946 Datasheet (PDF) - Motorola, Inc

MCM6946 Datasheet PDF - Motorola, Inc
Part # MCM6946
Download  MCM6946 Download
File Size   172.12 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 512K x 9 Bit Fast Static Random Access Memory

MCM6946 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM6946 Datasheet PDF - Motorola, Inc

Part # MCM6946
Download  MCM6946 Click to download

File Size   172.12 Kbytes
Page   11 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 512K x 9 Bit Fast Static Random Access Memory

MCM6946 Datasheet (HTML) - Motorola, Inc


MCM6946 Product details

The MCM6946 is a 4,194,304–bit static random access memory organized as 524,288 words of 8 bits. Static design eliminates the need for external clocks or timing strobes.
The MCM6946 is available in a 400 mil, 36–lead surface–mount SOJ package.

• Single 3.3 V – 5%, + 10% Power Supply
• Fast Access Time: 8/10/12/15 ns
• Equal Address and Chip Enable Access Time
• All Inputs and Outputs are TTL Compatible
• Three–State Outputs
• Power Operation: 195/185/180/175 mA Maximum, Active AC
• Available in TSOP or SOJ Packages




Similar Part No. - MCM6946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
1M x 4 Bit Static Random Access Memory
MCM6949YJ10 MOTOROLA-MCM6949YJ10 Datasheet
122Kb / 10P
1M x 4 Bit Static Random Access Memory
MCM6949YJ10R MOTOROLA-MCM6949YJ10R Datasheet
122Kb / 10P
1M x 4 Bit Static Random Access Memory
MCM6949YJ12 MOTOROLA-MCM6949YJ12 Datasheet
122Kb / 10P
1M x 4 Bit Static Random Access Memory
MCM6949YJ12R MOTOROLA-MCM6949YJ12R Datasheet
122Kb / 10P
1M x 4 Bit Static Random Access Memory
More results


Similar Description - MCM6946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
512K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
128K x 8 Bit Fast Static Random Access Memory
MCM6728B MOTOROLA-MCM6728B Datasheet
147Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
256K x 4 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
128K x 9 Bit Fast Static Random Access Memory
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
256K x 4 Bit Fast Static Random Access Memory
logo
National Semiconductor ...
93479 NSC-93479 Datasheet
153Kb / 7P
256 x 9-Bit Static Random Access Memory
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com