Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4211 Datasheet (PDF) - Siemens Semiconductor Group

TLE4211 Datasheet PDF - Siemens Semiconductor Group
Part # TLE4211
Download  TLE4211 Download
File Size   373.23 Kbytes
Page   13 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Intelligent Double Low-Side Switch 2 x 2 A

TLE4211 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4211 Datasheet PDF - Siemens Semiconductor Group

Part # TLE4211
Download  TLE4211 Click to download

File Size   373.23 Kbytes
Page   13 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Intelligent Double Low-Side Switch 2 x 2 A

TLE4211 Datasheet (HTML) - Siemens Semiconductor Group


TLE4211 Product details

Features
● Double low-side switch, 2 x 2 A
● Power limitation
● Overtemperature shutdown
● Status monitoring
● Shorted-load protection
● Reverse polarity protection
● Integrated clamp Z-Diodes
● Voltage proof up to 70 V
● Temperature range – 40 to 125 °C




Similar Part No. - TLE4211

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4214G SIEMENS-TLE4214G Datasheet
371Kb / 16P
Intelligent Double Low-Side Switch 2 x 0.5 A
TLE4216G SIEMENS-TLE4216G Datasheet
180Kb / 14P
Intelligent Sixfold Low-Side Switch
More results


Similar Description - TLE4211

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4214G SIEMENS-TLE4214G Datasheet
371Kb / 16P
Intelligent Double Low-Side Switch 2 x 0.5 A
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9352 STMICROELECTRONICS-L9352_08 Datasheet
326Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
05-Sep-2008
logo
International Rectifier
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9352B-TR-LF STMICROELECTRONICS-L9352B-TR-LF Datasheet
334Kb / 27P
Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
17-Sep-2013
logo
International Rectifier
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com