Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3649 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N3649 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N3649
Download  2N3649 Download
File Size   88.97 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 50V TO 99.9V

2N3649 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3649 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N3649
Download  2N3649 Click to download

File Size   88.97 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 50V TO 99.9V

2N3649 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N3649 Product details

SCR

C140 and C141 Series of Silicon Controlled Rectifiers are reverse blocking triode thyristor semiconductor devices designed primarily for high-frequency power switching applications which require blocking voltages up to 400 volts and load currents up to 35 amperes RMS, at frequencies up to 25 kHz.

The C140 and C141 Series feature:
• Contoured junction surfaces for high-voltage stability
• Shorted emitters for high dv/dt (200V/μsec)
• Distributed gates for high di/dt (400A//μsec)




Similar Part No. - 2N3649

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N3649 NJSEMI-2N3649 Datasheet
448Kb / 3P
Silicon Controlled Rectifiers
More results


Similar Description - 2N3649

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
SCR, V (DRM) = 100V TO 199.9 V
2N3562 NJSEMI-2N3562 Datasheet
103Kb / 1P
SCR, V(DRM) = 200V TO 299.9V
2N4108 NJSEMI-2N4108 Datasheet
82Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N4145 NJSEMI-2N4145 Datasheet
101Kb / 1P
SCR, V(DRM) < 50V
2N4173 NJSEMI-2N4173 Datasheet
117Kb / 1P
SCR, V(DRM) = 500V TO 599.9V
2N4174 NJSEMI-2N4174 Datasheet
131Kb / 1P
SCR, V(DRM) == 600V TO 699.9V
2N4213 NJSEMI-2N4213 Datasheet
96Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N4216 NJSEMI-2N4216 Datasheet
109Kb / 1P
SCR, V(DRM) = 200V TO 299.9V
2N4441 NJSEMI-2N4441 Datasheet
113Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N5171 NJSEMI-2N5171 Datasheet
109Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com