Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4270 Datasheet (PDF) - Siemens Semiconductor Group

TLE4270 Datasheet PDF - Siemens Semiconductor Group
Part # TLE4270
Download  TLE4270 Download
File Size   121.93 Kbytes
Page   19 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5-V Low-Drop Fixed Voltage Regulator

TLE4270 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4270 Datasheet PDF - Siemens Semiconductor Group

Part # TLE4270
Download  TLE4270 Click to download

File Size   121.93 Kbytes
Page   19 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 5-V Low-Drop Fixed Voltage Regulator

TLE4270 Datasheet (HTML) - Siemens Semiconductor Group


TLE4270 Product details

Features
• Output voltage tolerance ≤ ± 2 %
• Low-drop voltage
• Integrated overtemperature protection
• Reverse polarity protection
• Input voltage up to 42 V
• Overvoltage protection up to 65 V (≤ 400 ms)
• Short-circuit proof
• Suitable for use in automotive electronics
• Wide temperature range
• Adjustable reset time
• ESD protection > 4000 V




Similar Part No. - TLE4270

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4270-2 INFINEON-TLE4270-2 Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2D INFINEON-TLE4270-2D Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2G INFINEON-TLE4270-2G Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE42702DATMA1 INFINEON-TLE42702DATMA1 Datasheet
252Kb / 17P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
More results


Similar Description - TLE4270

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com