Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM69C232 Datasheet (PDF) - Motorola, Inc

MCM69C232 Datasheet PDF - Motorola, Inc
Part # MCM69C232
Download  MCM69C232 Download
File Size   248.86 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4K x 64 CAM

MCM69C232 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69C232 Datasheet PDF - Motorola, Inc

Part # MCM69C232
Download  MCM69C232 Click to download

File Size   248.86 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 4K x 64 CAM

MCM69C232 Datasheet (HTML) - Motorola, Inc


MCM69C232 Product details

4K x 64 CAM

The MCM69C232 is a flexible content–addressable memory (CAM) that can contain 4096 entries of 64 bits each. The widths of the match field and the output field are programmable, and the match time is designed to be 160 ns. As a result, the MCM69C232 is well suited for datacom applications such as Virtual Path Identifier/Virtual Circuit Identifier (VPI/VCI) translation in ATM switches up to OC12 (622 Mbps) data rates and Media Access Control (MAC) address lookup in Ethernet/Fast Ethernet bridges. The match duty cycle of the MCM69C232 is user defined, with a trade–off between the time between matches and the number of new entries added to the CAM per second.

• 4096 Entries
• 160 ns Match Time
• Mask Register to “Don’t Care” Selected Bits
• Depth Expansion by Cascading Multiple Devices
• 50 MHz Maximum Clock Rate
• Programmable Match and Output Field Widths
• Concurrent Matching of Virtual Path Circuits and Virtual Connection Circuits in ATM Mode
• Separate Ports for Control and Match Operations
• 200 ns Insertion Time if One of Twelve Entry Queue Locations is Empty
• 12 ms Initialization Time After Fast Insertion (at Power–Up Only)
• Single 3.3 V ± 5% Supply
• 100 Pin TQFP Package
• IEEE Standard 1149.1 Test Port (JTAG)




Similar Part No. - MCM69C232

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C233WD MOTOROLA-MCM69C233WD Datasheet
302Kb / 16P
MPC8260 PowerQUICC II-TM to CAM Interfacing - MCM69C233
MCM69C233WP MOTOROLA-MCM69C233WP Datasheet
302Kb / 16P
MPC8260 PowerQUICC II-TM to CAM Interfacing - MCM69C233
More results


Similar Description - MCM69C232

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C432 MOTOROLA-MCM69C432 Datasheet
246Kb / 20P
16K x 64 CAM
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Agere Systems
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
4k x 4k Time-Slot Interchanger
Revision 3 September 21, 2005
logo
MUSIC Semiconductors
MU9C4320L MUSIC-MU9C4320L Datasheet
447Kb / 32P
4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
Motorola, Inc
MCM69C433 MOTOROLA-MCM69C433 Datasheet
420Kb / 24P
16K x 64 CAM
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com