Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3773 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N3773 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N3773
Download  2N3773 Download
File Size   107.04 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SI NPN POWER BJT

2N3773 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3773 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N3773
Download  2N3773 Click to download

File Size   107.04 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SI NPN POWER BJT

2N3773 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N3773 Product details

Rugged High Voltage Devices for Applications in Industrial and Commercial Equipment



These typei are hometaxial-b»se silicon n-p-n transition intended for a wide variety of high-voltage high current applications. Typical applications for these transistors include power-switching circuits, audio amplifiers, series-and shunt-regulator driver and output stages, dc-to-dc converters, inverters, and solenoid (hammeO/relay driver service:

These devices employ the popular JEDEC TO 3 package; they differ in maximum ratings for voltage, current, and power.



Features:

• High dissipation capability -

   120 W I2N4348), 150 W (2N3773), 250 W (2N6269)

• 5 A specification forhFE, VfjE. & VCE<»«> (2N4348)

• 8-A specification for

   hFE, VBE. & VcE(Mt) (2N3773. 2N6259)

• VCEX -

   140 V min I2N4348). 160 V min (2N3773)

   170 V min (2N6259)

• Lowsaturation voltaga with high beta



 




Similar Part No. - 2N3773

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3773 MOSPEC-2N3773 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
2N3773 WINGS-2N3773 Datasheet
46Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3773 BOCA-2N3773 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2N3773 ETC-2N3773 Datasheet
105Kb / 3P
HIGH VOLTAGE, HIGH CURRENT POWER TRANSISTORS
More results


Similar Description - 2N3773

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
41013 NJSEMI-41013 Datasheet
84Kb / 1P
Si NPN POWER BJT
2N3584 NJSEMI-2N3584 Datasheet
89Kb / 1P
SI NPN POWER BJT
2N3585 NJSEMI-2N3585 Datasheet
87Kb / 1P
SI NPN POWER BJT
2N4299 NJSEMI-2N4299 Datasheet
83Kb / 1P
SI NPN POWER BJT
2N4429 NJSEMI-2N4429 Datasheet
111Kb / 1P
SI NPN POWER BJT
2N4866 NJSEMI-2N4866 Datasheet
102Kb / 1P
SI NPN POWER BJT
2N5672 NJSEMI-2N5672 Datasheet
83Kb / 1P
SI NPN POWER BJT
2N5686 NJSEMI-2N5686 Datasheet
99Kb / 1P
SI NPN POWER BJT
2N5838 NJSEMI-2N5838 Datasheet
89Kb / 1P
SI NPN POWER BJT
2N5913 NJSEMI-2N5913 Datasheet
89Kb / 1P
SI NPN POWER BJT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com