Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470G Datasheet (PDF) - Siemens Semiconductor Group

TLE4470G Datasheet PDF - Siemens Semiconductor Group
Part # TLE4470G
Download  TLE4470G Download
File Size   121.31 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Dual Low-Drop Voltage Regulator

TLE4470G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4470G Datasheet PDF - Siemens Semiconductor Group

Part # TLE4470G
Download  TLE4470G Click to download

File Size   121.31 Kbytes
Page   22 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Dual Low-Drop Voltage Regulator

TLE4470G Datasheet (HTML) - Siemens Semiconductor Group


TLE4470G Product details

Features

• Stand-by output 180 mA; 5 V ±2%

• Adjustable reset switching threshold

• Main output 350 mA; tracked to the stand-by output

• Low quiescent current consumption in standby mode

• Disable function for main output

• Wide operation range: up to 45 V

• Very low dropout

• Power-On-Reset circuit sensing the stand-by voltage

• Early warning comparator for supply undervoltage

• Output protected against short circuit

• Wide temperature range: – 40 °C to 150 °C

• Over-temperature protection

• Over-load protection




Similar Part No. - TLE4470G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4470G INFINEON-TLE4470G Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
TLE4470GS INFINEON-TLE4470GS Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
More results


Similar Description - TLE4470G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Infineon Technologies A...
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com