Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

901-10107 Datasheet (PDF) - Amphenol Corporation

901-10107 Datasheet PDF - Amphenol Corporation
Part # 901-10107
Download  901-10107 Download
File Size   2233.03 Kbytes
Page   6 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description EASY SNAP-ON/OFF MATING

901-10107 Datasheet (PDF)

Go To PDF Page Download Datasheet
901-10107 Datasheet PDF - Amphenol Corporation

Part # 901-10107
Download  901-10107 Click to download

File Size   2233.03 Kbytes
Page   6 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description EASY SNAP-ON/OFF MATING

901-10107 Datasheet (HTML) - Amphenol Corporation


901-10107 Product details

Description
Amphenol RF manufactures a family of Amphenol Micro Coaxial (AMC) connectors and cable assemblies for use in applications with 50 Ω impedance requirements. AMC connectors are low profle (2.5 mm off the board) and offer an extremely small board footprint (3mm x 3mm).

Features/Benefts
  • Easy snap-on/off mating
  • Ultra low-profle (2.5mm mating height)
  • Small foot print (3mm x 3mm)
  • 100% Compatible with Hirose U.Fl series
  • Right angle plugs are pre-installed on 1.13mm, 1.32 mm or 1.37 mm coaxial cable and tested prior to shipment.

Applications
  • Wireless Internet (WiFi, WiMax, EvDO/EvDV Solutions)
  • Wireless Infrastructure (Cellular Base Stations)
  • RFID
  • Bluetooth
  • Inventory/Barcode Scanners
  • Handheld Devices




Similar Part No. - 901-10107

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
901-101-15 AMPHENOL-901-101-15 Datasheet
57Kb / 1P
Straight Cable Plugs
More results


Similar Description - 901-10107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502078-1710 MOLEX-502078-1710 Datasheet
1Mb / 2P
Easy-On FPC Connector
logo
P-tec Corporation
PLH3535-WCUV01 P-TEC-PLH3535-WCUV01 Datasheet
923Kb / 8P
Easy mounting on PCB
PLH3535-WCUV03 P-TEC-PLH3535-WCUV03 Datasheet
794Kb / 9P
Easy mounting on PCB
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
On off valve
4/1/22
197131 FESTO-197131 Datasheet
85Kb / 1P
On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
On off valve
4/13/22
153987 FESTO-153987 Datasheet
101Kb / 1P
On off valve
4/13/22
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com