Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-29-622 Datasheet (PDF) - FCI connector

GS-29-622 Datasheet PDF - FCI connector
Part # GS-29-622
Download  GS-29-622 Download
File Size   101.94 Kbytes
Page   6 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description QSFP짰 Cable and Connector System

GS-29-622 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-29-622 Datasheet PDF - FCI connector

Part # GS-29-622
Download  GS-29-622 Click to download

File Size   101.94 Kbytes
Page   6 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description QSFP짰 Cable and Connector System

GS-29-622 Datasheet (HTML) - FCI connector




Similar Part No. - GS-29-622

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-29-616 FCI-CONNECTOR-GS-29-616 Datasheet
102Kb / 7P
SFP짰 Cable and Connector System
More results


Similar Description - GS-29-622

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-29-616 FCI-CONNECTOR-GS-29-616 Datasheet
102Kb / 7P
SFP짰 Cable and Connector System
logo
PANDUIT CORP.
SST4I-C PANDUIT-SST4I-C Datasheet
87Kb / 1P
Sta-Strap 짰 Cable Ties . Nylon 6.6
logo
Molex Electronics Ltd.
0747571061 MOLEX11-0747571061 Datasheet
52Kb / 1P
QSFP-to-QSFP Cable Assembly, 30 AWG, 0.60m Length
0747571301 MOLEX11-0747571301 Datasheet
53Kb / 1P
QSFP-to-QSFP Cable Assembly, 30 AWG, 3.0m Length
logo
TE Connectivity Ltd
108-130044 TEC-108-130044 Datasheet
123Kb / 5P
QSFP-OTB cage and cable mounted receptacle
501-130016 TEC-501-130016 Datasheet
504Kb / 15P
QSFP-OTB cage and cable mounted receptacle
C-2333801 TEC-C-2333801 Datasheet
341Kb / 2P
CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 30AWG
C-2333844 TEC-C-2333844 Datasheet
358Kb / 2P
CABLE ASSEMBLY, QSFP TO (2) QSFP 25GIG, 26AWG
logo
Molex Electronics Ltd.
747579005 MOLEX-747579005 Datasheet
497Kb / 3P
QSFP CABLE ASSEMBLY
2020/10/07
logo
Amphenol Corporation
NDYYJR-0001 AMPHENOL-NDYYJR-0001 Datasheet
304Kb / 2P
QSFP DD Cable Assemblies
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com