Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM69F618C Datasheet (PDF) - Motorola, Inc

MCM69F618C Datasheet PDF - Motorola, Inc
Part # MCM69F618C
Download  MCM69F618C Download
File Size   203.39 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM

MCM69F618C Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69F618C Datasheet PDF - Motorola, Inc

Part # MCM69F618C
Download  MCM69F618C Click to download

File Size   203.39 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM

MCM69F618C Datasheet (HTML) - Motorola, Inc


MCM69F618C Product details

64K x 18 Bit Flow–Through BurstRAM Synchronous Fast Static RAM

The MCM69F618C is a 1M–bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the 68K Family, PowerPC, 486, i960, and Pentium microprocessors. It is organized as 64K words of 18 bits each. This device integrates input registers, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.
For read cycles, a flow–through SRAM allows output data to simply flow freely from the memory array.
The MCM69F618C operates from a 3.3 V power supply and all inputs and outputs are LVTTL compatible and 5 V tolerant

• MCM69F618C–8.5 = 8.5 ns Access / 12 ns Cycle
   MCM69F618C–9 = 9 ns Access / 12 ns Cycle
   MCM69F618C–10 = 10 ns Access / 15 ns Cycle
   MCM69F618C–12= 12 ns Access / 16.6 ns Cycle
• Single 3.3 V + 10%, – 5% Power Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• 5 V Tolerant on all Pins (Inputs and I/Os)
• 100–Pin TQFP Package




Similar Part No. - MCM69F618C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ10 MOTOROLA-MCM69F536CTQ10 Datasheet
209Kb / 12P
32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ10R MOTOROLA-MCM69F536CTQ10R Datasheet
209Kb / 12P
32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ12 MOTOROLA-MCM69F536CTQ12 Datasheet
209Kb / 12P
32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536CTQ12R MOTOROLA-MCM69F536CTQ12R Datasheet
209Kb / 12P
32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM69F618C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com