Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4031 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N4031 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N4031
Download  2N4031 Download
File Size   480.54 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description GENERAL PURPOSE HIGH-VOLTAGE

2N4031 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4031 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N4031
Download  2N4031 Click to download

File Size   480.54 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description GENERAL PURPOSE HIGH-VOLTAGE

2N4031 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N4031 Product details

• High Voltage: -80V (2N4031, 3)

• High Gain: 100 min. @ 100 mA (2N4032, 3)

• Low VCE(sat): -0.15 @ 150 mA




Similar Part No. - 2N4031

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4031 CENTRAL-2N4031 Datasheet
55Kb / 1P
Small Signal Transistors
logo
Comset Semiconductor
2N4031 COMSET-2N4031 Datasheet
235Kb / 3P
GENERAL PURPOSE AMPLIFIERS AND SWITCHES
2N4031 COMSET-2N4031 Datasheet
84Kb / 4P
GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Continental Device Indi...
2N4031 CDIL-2N4031 Datasheet
209Kb / 4P
PNP SILICON PLANAR TRANSISTORS
More results


Similar Description - 2N4031

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
HIGH VOLTAGE GENERAL PURPOSE
Oct-1988
logo
Fairchild Semiconductor
BAS21 FAIRCHILD-BAS21 Datasheet
47Kb / 3P
General Purpose High Voltage Diode
BAV19 FAIRCHILD-BAV19 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
HIGH VOLTAGE GENERAL PURPOSE DIODE
MJE350 FAIRCHILD-MJE350 Datasheet
36Kb / 4P
High Voltage General Purpose Applications
MMBD1401A FAIRCHILD-MMBD1401A Datasheet
63Kb / 5P
High Voltage General Purpose Diode
FDH400 FAIRCHILD-FDH400_97 Datasheet
41Kb / 3P
High Voltage General Purpose Diode
BAV103 FAIRCHILD-BAV103_10 Datasheet
100Kb / 3P
High Voltage, General Purpose Diode
logo
Leshan Radio Company
R1500 LRC-R1500_15 Datasheet
207Kb / 7P
General Purpose High Voltage Rectifiers
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
HIGH VOLTAGE GENERAL PURPOSE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com