Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4218 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N4218 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N4218
Download  2N4218 Download
File Size   98.46 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 300V TO 399.9V

2N4218 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4218 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N4218
Download  2N4218 Click to download

File Size   98.46 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 300V TO 399.9V

2N4218 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N4218 Product details

Description: SCR, V(DRM) = 300 V to 399.9 V




Similar Part No. - 2N4218

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
2N4212 DIGITRON-2N4212 Datasheet
124Kb / 2P
SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
logo
Motorola, Inc
2N4213 MOTOROLA-2N4213 Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4213 NJSEMI-2N4213 Datasheet
96Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
logo
Digitron Semiconductors
2N4213 DIGITRON-2N4213 Datasheet
124Kb / 2P
SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
logo
Motorola, Inc
2N4214 MOTOROLA-2N4214 Datasheet
74Kb / 2P
SILICON CONTROLLED RECTIFIERS
More results


Similar Description - 2N4218

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
SCR, V (DRM) = 100V TO 199.9 V
2N3562 NJSEMI-2N3562 Datasheet
103Kb / 1P
SCR, V(DRM) = 200V TO 299.9V
2N3938 NJSEMI-2N3938 Datasheet
98Kb / 1P
SCR, V(DRM) = 300V TO 399.9V
2N4108 NJSEMI-2N4108 Datasheet
82Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N4171 NJSEMI-2N4171 Datasheet
102Kb / 1P
SCR, V(DRM) = 300V TO 399.9V
2N4173 NJSEMI-2N4173 Datasheet
117Kb / 1P
SCR, V(DRM) = 500V TO 599.9V
2N4174 NJSEMI-2N4174 Datasheet
131Kb / 1P
SCR, V(DRM) == 600V TO 699.9V
2N4187 NJSEMI-2N4187 Datasheet
93Kb / 1P
SCR, V(DRM) = 300V TO 399.9V
2N4216 NJSEMI-2N4216 Datasheet
109Kb / 1P
SCR, V(DRM) = 200V TO 299.9V
2N5171 NJSEMI-2N5171 Datasheet
109Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com