Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0023382 Datasheet (PDF) - ITT Industries

B0023382 Datasheet PDF - ITT Industries
Part # B0023382
Download  B0023382 Download
File Size   235.65 Kbytes
Page   7 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Cannon 75 Ohm Connectors

B0023382 Datasheet (PDF)

Go To PDF Page Download Datasheet
B0023382 Datasheet PDF - ITT Industries

Part # B0023382
Download  B0023382 Click to download

File Size   235.65 Kbytes
Page   7 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Cannon 75 Ohm Connectors

B0023382 Datasheet (HTML) - ITT Industries




Similar Part No. - B0023382

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B002-DP1A4 TRIPPLITE-B002-DP1A4 Datasheet
159Kb / 4P
Secure KVM Switch, DisplayPort to DisplayPort -4 Ports, 4K, NIAP PP3.0 Certified, Audio, Single Monitor
B002-DP1A4-N4 TRIPPLITE-B002-DP1A4-N4 Datasheet
39Kb / 4P
Secure KVM Switch, 4-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, TAA
B002-DP1AC4-N4 TRIPPLITE-B002-DP1AC4-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 4-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
B002-DP1AC8-N4 TRIPPLITE-B002-DP1AC8-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 8-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
B002-DP2A2-N4 TRIPPLITE-B002-DP2A2-N4 Datasheet
41Kb / 4P
Secure KVM Switch, 2-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, TAA
More results


Similar Description - B0023382

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
BNC 75 Ohm Connectors
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
Cannon 50 Ohm Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
Cannon ZD Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
BNC Connectors (50 ohm/75 ohm)
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
Mini BNC Connectors, 75 Ohm
logo
ITT Industries
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
Cannon ZD Connectors
More results




About ITT Industries


ITT Inc. (formerly ITT Industries) is an American multinational conglomerate that operates in various industries, including aerospace, defense, communications, industrial and consumer products, and transportation. The company was founded in 1920 and is headquartered in White Plains, New York.

ITT operates through several business units, including Connect and Control Technologies, Defense and Information Solutions, Industrial Process, and Motion Technologies. These units offer a broad range of products and services, including connectors, valves, switches, pumps, control systems, electronic components, communications systems, and aerospace components.

ITT's engineering team has extensive experience in developing advanced technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

ITT's products are known for their high quality, reliability, and performance. The company uses advanced technologies and materials to develop products that are efficient, durable, and cost-effective.

Overall, ITT Inc. is a trusted provider of high-quality products and services for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com