Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5771 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5771 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5771
Download  2N5771 Download
File Size   82.27 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SATURATED SWIRCHES

2N5771 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5771 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5771
Download  2N5771 Click to download

File Size   82.27 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SATURATED SWIRCHES

2N5771 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5771 Product details

PNP Ultra High Speed Saturated Logic Switch

• VCEO ... 15 V(Mln)

• ton ... 15ns (Max) @10mA, toff ... 20 ns (Max) @ 10 mA

• Ts ... 20ns (Max) @ 10 mA

• Complements ... 2N5769, 2N5772

 



 




Similar Part No. - 2N5771

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5771 FAIRCHILD-2N5771 Datasheet
126Kb / 4P
PNP Switching Transistor
logo
Central Semiconductor C...
2N5771 CENTRAL-2N5771 Datasheet
65Kb / 1P
PMP SILICON SWITCHING TRANSISTORS
2N5771 CENTRAL-2N5771 Datasheet
59Kb / 1P
Small Signal Transistors TO-92 Case (Continued)
logo
Fairchild Semiconductor
2N5771 FAIRCHILD-2N5771 Datasheet
473Kb / 10P
PNP Switching Transistor
logo
New Jersey Semi-Conduct...
2N5771 NJSEMI-2N5771 Datasheet
191Kb / 2P
PNP ULTRA HIGH SPEED SATURATED LOGIC SWITCHES
More results


Similar Description - 2N5771

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2369 STMICROELECTRONICS-2N2369 Datasheet
44Kb / 4P
HIGH-FREQUENCY SATURATED SWITCH
Jan-1989
2N2369A STMICROELECTRONICS-2N2369A Datasheet
95Kb / 6P
HIGH-SPEED SATURATED SWITCH
Nov-1988
2N2894 STMICROELECTRONICS-2N2894 Datasheet
113Kb / 4P
HIGH-SPEED SATURATED SWITCHES
Oct-1988
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
HIGH SPEED SATURATED SWITCHES
Nov-1997
logo
Allegro MicroSystems
2595 ALLEGRO-2595 Datasheet
133Kb / 8P
8-CHANNEL SATURATED SINK DRIVER
2596 ALLEGRO-2596 Datasheet
60Kb / 4P
8-CHANNEL SATURATED SINK DRIVERS
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
Two Saturated Drive Channels
logo
Comset Semiconductor
2N2894 COMSET-2N2894 Datasheet
81Kb / 2P
HIGH-SPEED SATURATED SWITCHES
2N2894 COMSET-2N2894_12 Datasheet
78Kb / 3P
HIGH-SPEED SATURATED SWITCHES
logo
Central Semiconductor C...
CP396V-2N2369A CENTRAL-CP396V-2N2369A Datasheet
794Kb / 3P
NPN - Saturated Switch Transistor Die
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com