Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5809 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5809 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5809
Download  2N5809 Download
File Size   76.03 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRIAC, V(DRM) = 600V TO 699.9V

2N5809 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5809 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5809
Download  2N5809 Click to download

File Size   76.03 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRIAC, V(DRM) = 600V TO 699.9V

2N5809 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5809 Product details

Description: Triac, V(DRM) = 600 V to 699.9 V




Similar Part No. - 2N5809

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2N580 AMMSEMI-2N580 Datasheet
1Mb / 2P
GERMABIUM PNP MESA TRANSISTORS
logo
New Jersey Semi-Conduct...
2N580 NJSEMI-2N580 Datasheet
83Kb / 1P
GERMANIUM PNPSMALL SIGNAL TRANSISTORS
logo
Seme LAB
2N5804 SEME-LAB-2N5804 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Savantic, Inc.
2N5804 SAVANTIC-2N5804 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N5804 JMNIC-2N5804 Datasheet
109Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2N5809

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4101 NJSEMI-2N4101 Datasheet
95Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
2N4102 NJSEMI-2N4102 Datasheet
115Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
2N4166 NJSEMI-2N4166 Datasheet
108Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
2N4174 NJSEMI-2N4174 Datasheet
131Kb / 1P
SCR, V(DRM) == 600V TO 699.9V
2N4190 NJSEMI-2N4190 Datasheet
114Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
2N4444 NJSEMI-2N4444 Datasheet
116Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
2N5171 NJSEMI-2N5171 Datasheet
109Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
2N5443 NJSEMI-2N5443 Datasheet
115Kb / 1P
TRIAC, V(DRM) = 600V TO 699.9V
2N5446 NJSEMI-2N5446 Datasheet
135Kb / 1P
TRIAC, V(DRM) = 600V TO 699.9V
2N6174 NJSEMI-2N6174 Datasheet
96Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com