Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5876 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5876 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5876
Download  2N5876 Download
File Size   300.72 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description COMPLEMENTARY SILICON POWER TRANSISTORS

2N5876 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5876 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5876
Download  2N5876 Click to download

File Size   300.72 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description COMPLEMENTARY SILICON POWER TRANSISTORS

2N5876 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5876 Product details

COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS

... designed for general-purpose power amplifier and switching applications.

● Low Collector-Emitter Saturation Voltage -
   VCE(sat) = 1.0 Vdc (Max) @ IC = 5.0 Adc
● Low Leakage Current -
   ICEX = 0.5 mAdc (Max) @ Rated Voltage
● Excellent DC Current Gain -
   hFE = 20 (Min) @ IC = 4.0 Adc
● High Current Gain - Bandwidth Product -
   fT = 4.0 MHz (Min) @ IC = 0.5 A




Similar Part No. - 2N5876

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5876 MOSPEC-2N5876 Datasheet
124Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
List of Unclassifed Man...
2N5876 ETC-2N5876 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N5876 SAVANTIC-2N5876 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
Seme LAB
2N5876 SEME-LAB-2N5876 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
2N5876 ISC-2N5876 Datasheet
131Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2N5876

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com