Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5878 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5878 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5878
Download  2N5878 Download
File Size   113.45 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SI NPN POWER BJT

2N5878 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5878 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5878
Download  2N5878 Click to download

File Size   113.45 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SI NPN POWER BJT

2N5878 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5878 Product details

COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS

... designed for general-purpose power amplifier and switching applications.

● Low Collector-Emitter Saturation Voltage -
   VCE(sat) = 1.0 Vdc (Max) @ IC = 5.0 Adc
● Low Leakage Current -
   ICEX = 0.5 mAdc (Max) @ Rated Voltage
● Excellent DC Current Gain -
   hFE = 20 (Min) @ IC = 4.0 Adc
● High Current Gain - Bandwidth Product -
   fT = 4.0 MHz (Min) @ IC = 0.5 A




Similar Part No. - 2N5878

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5878 MOSPEC-2N5878 Datasheet
124Kb / 3P
POWER TRANSISTORS(10A,150W)
logo
List of Unclassifed Man...
2N5878 ETC-2N5878 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N5878 SAVANTIC-2N5878 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
2N5878 SEME-LAB-2N5878 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
2N5878 ISC-2N5878 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2N5878

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
41013 NJSEMI-41013 Datasheet
84Kb / 1P
Si NPN POWER BJT
2N3584 NJSEMI-2N3584 Datasheet
89Kb / 1P
SI NPN POWER BJT
2N3585 NJSEMI-2N3585 Datasheet
87Kb / 1P
SI NPN POWER BJT
2N4299 NJSEMI-2N4299 Datasheet
83Kb / 1P
SI NPN POWER BJT
2N4429 NJSEMI-2N4429 Datasheet
111Kb / 1P
SI NPN POWER BJT
2N4866 NJSEMI-2N4866 Datasheet
102Kb / 1P
SI NPN POWER BJT
2N5672 NJSEMI-2N5672 Datasheet
83Kb / 1P
SI NPN POWER BJT
2N5686 NJSEMI-2N5686 Datasheet
99Kb / 1P
SI NPN POWER BJT
2N5838 NJSEMI-2N5838 Datasheet
89Kb / 1P
SI NPN POWER BJT
2N5913 NJSEMI-2N5913 Datasheet
89Kb / 1P
SI NPN POWER BJT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com