Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6259 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6259 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6259
Download  2N6259 Download
File Size   118.25 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN SILICON POWER TRANSISTORS

2N6259 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6259 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6259
Download  2N6259 Click to download

File Size   118.25 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN SILICON POWER TRANSISTORS

2N6259 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6259 Product details

Rugged High Voltage Devices for Applications in Industrial and Commercial Equipment



These typei are hometaxial-b»se silicon n-p-n transition intended for a wide variety of high-voltage high current applications. Typical applications for these transistors include power-switching circuits, audio amplifiers, series-and shunt-regulator driver and output stages, dc-to-dc converters, inverters, and solenoid (hammeO/relay driver service:

These devices employ the popular JEDEC TO 3 package; they differ in maximum ratings for voltage, current, and power.



Features:

• High dissipation capability -

   120 W I2N4348), 150 W (2N3773), 250 W (2N6269)

• 5 A specification forhFE, VfjE. & VCE<»«> (2N4348)

• 8-A specification for

   hFE, VBE. & VcE(Mt) (2N3773. 2N6259)

• VCEX -

   140 V min I2N4348). 160 V min (2N3773)

   170 V min (2N6259)

• Lowsaturation voltaga with high beta



 




Similar Part No. - 2N6259

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6259 MOSPEC-2N6259 Datasheet
111Kb / 3P
POWER TRANSISTORS(16A,150V,150W)
logo
List of Unclassifed Man...
2N6259 ETC-2N6259 Datasheet
105Kb / 3P
HIGH VOLTAGE, HIGH CURRENT POWER TRANSISTORS
logo
Savantic, Inc.
2N6259 SAVANTIC-2N6259 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6259 JMNIC-2N6259 Datasheet
89Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6259 ISC-2N6259 Datasheet
41Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2N6259

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com