Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6674 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6674 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6674
Download  2N6674 Download
File Size   202.43 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description POWER TRANSISTORS

2N6674 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6674 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6674
Download  2N6674 Click to download

File Size   202.43 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description POWER TRANSISTORS

2N6674 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6674 Product details

POWER TRANSISTORS

High-Voltage N-P-N Types for Off-Line Power Supplies and Other High-Voltage Switching Applications.

Features:
■ Fast switching speed
■ High voltage rating:
    VCEX = 350 V to 450 V
■ Low VCE(sat) at IC = 10 A

Applications:
■ Off-line power supplies
■ High-voltage inverters
■ Switching regulators




Similar Part No. - 2N6674

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6674 MICROSEMI-2N6674 Datasheet
60Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6674 CENTRAL-2N6674 Datasheet
53Kb / 1P
Power Transistors
logo
Microsemi Corporation
2N6674 MICROSEMI-2N6674 Datasheet
344Kb / 3P
NPN Darlington Transistors
logo
Savantic, Inc.
2N6674 SAVANTIC-2N6674 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6674 JMNIC-2N6674 Datasheet
154Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2N6674

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
POWER TRANSISTORS
1995
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
POWER TRANSISTORS
1995
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
POWER TRANSISTORS
REV 3
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
RF POWER TRANSISTORS RF POWER TRANSISTORS
Nov-1999
TIP31C STMICROELECTRONICS-TIP31C_06 Datasheet
136Kb / 10P
Power transistors
20-Apr-2006
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
Power Transistors
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
Power Transistors
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com