Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP705 Datasheet (PDF) - Sipex Corporation

SP705 Datasheet PDF - Sipex Corporation
Part # SP705
Download  SP705 Download
File Size   197.21 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory Circuits

SP705 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP705 Datasheet PDF - Sipex Corporation

Part # SP705
Download  SP705 Click to download

File Size   197.21 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Microprocessor Supervisory Circuits

SP705 Datasheet (HTML) - Sipex Corporation


SP705 Product details

DESCRIPTION…

The SP705-708/813L/813M series is a family of microprocessor (µP) supervisory circuits that integrate myriad components involved in discrete solutions which monitor power-supply and battery in µP and digital systems. The SP705-708/813L/813M series will significantly improve system reliability and operational efficiency when compared to solutions obtained with discrete components. The features of the SP705-708/813L/813M series include a watchdog timer, a µP reset, a Power Fail Comparator, and a manual-reset input. The SP705-708/813L/813M series is ideal for applications in automotive systems, computers,  ontrollers, and intelligent instruments. The SP705-708/813L/813M series is an ideal solution for systems in which critical monitoring of the power supply to the µP and related digital components is demanded.



■ Precision Voltage Monitor:

   SP705/707/813L at 4.65V

   SP706/708/813M at 4.40V

■ RESET Pulse Width - 200ms

■ Independent Watchdog Timer - 1.6s Timeout (SP705/706/813L/813M)

■ 60µA Maximum Supply Current

■ Debounced TTL/CMOS Manual Reset Input

■ RESET Asserted Down to VCC = 1V

■ Voltage Monitor for Power Failure or Low Battery Warning

■ Available in 8-pin PDIP, NSOIC, and µSOIC packages

■ Pin Compatible Enhancement to Industry Standard 705-708/813L Series

■ Functionally Compatible to Industry Standard 1232 Series




Similar Part No. - SP705

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705 Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
More results


Similar Description - SP705

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP705 SIPEX-SP705 Datasheet
197Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP705 SIPEX-SP705_06 Datasheet
429Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP705 EXAR-SP705 Datasheet
1Mb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Analog Devices
ADM707ARZ AD-ADM707ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM708ARZ AD-ADM708ARZ Datasheet
338Kb / 12P
Low Cost Microprocessor Supervisory Circuits
Rev. G
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP813LCN-L EXAR-SP813LCN-L Datasheet
1Mb / 17P
Low Power Microprocessor Supervisory Circuits
SP690A EXAR-SP690A Datasheet
406Kb / 16P
Low Power Microprocessor Supervisory
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
Low Power Microprocessor Supervisory Circuits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com