Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP706P Datasheet (PDF) - Sipex Corporation

SP706P Datasheet PDF - Sipex Corporation
Part # SP706P
Download  SP706P Download
File Size   213.26 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V/3.3V Low Power Microprocessor Supervisory Circuits

SP706P Datasheet (PDF)

Go To PDF Page Download Datasheet
SP706P Datasheet PDF - Sipex Corporation

Part # SP706P
Download  SP706P Click to download

File Size   213.26 Kbytes
Page   18 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V/3.3V Low Power Microprocessor Supervisory Circuits

SP706P Datasheet (HTML) - Sipex Corporation


SP706P Product details

DESCRIPTION
The SP706P/S/R/T, SP708R/S/T series is a family of microprocessor (µP) supervisory circuits that integrate myriad components involved in discrete solutions which monitor power-supply and battery, in µP, and digital systems. The SP706P/S/R/T, SP708R/S/T series will significantly improve system reliability and operational efficiency when compared to results obtained with discrete components.

■ Precision Low Voltage Monitor:
   SP706P/R and SP708R at +2.63V
   SP706S and SP708S at +2.93V
   SP706T and SP708T at +3.08V
■ RESET Pulse Width - 200ms
■ Independent Watchdog Timer - 1.6 sec
   Timeout (SP706P/S/R/T)
■ 40µA Maximum Supply Current
■ Debounced TTL/CMOS Manual-Reset Input
■ RESET Asserted Down to VCC = 1V
■ RESET Output:
   SP706P Active-High
   SP706R/S/T Active-Low
   SP708R/S/T Both Active High + Active Low
■ WDI Can Be Left Floating, Disabling the Watchdog Function
■ Built-In Vcc Glitch Immunity
■ Available in 8-pin PDIP, NSOIC, and µSOIC packages
■ Voltage Monitor for Power Failure or Low Battery Warning
■ Pin Compatible Enhancement to Industry Standards 706P/R/S/T and 708R/S/T




Similar Part No. - SP706P

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
234Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706PCN SIPEX-SP706PCN Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706PCN SIPEX-SP706PCN Datasheet
234Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706PCP SIPEX-SP706PCP Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Similar Description - SP706P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706REU-L EXAR-SP706REU-L Datasheet
855Kb / 16P
3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
3.0V/3.3V Microprocessor Supervisory Circuits
2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com