Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B220 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

B220 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # B220
Download  B220 Download
File Size   1717.34 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B220 Datasheet (PDF)

Go To PDF Page Download Datasheet
B220 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # B220
Download  B220 Click to download

File Size   1717.34 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

B220 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


B220 Product details

FEATURES
◇ Plastic package has Underwriters Laborator
   Flammability Classification 94V-0
◇ For surface mounted applications
◇ Low profile package
◇ Built-in strain relief
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
◇ High current capability,low forward voltage drop
◇ Low power loss,high effciency
◇ For use in low voltage high frequency inverters,free
   wheeling and polarity protection applications
◇ Guardring for overvoltage protection
◇ High temperature soldering guaranteed:250°C/10
   seconds at terminals




Similar Part No. - B220

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B220 DIODES-B220 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B220 FUJI-B220 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B220 WEITRON-B220 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B220 DIODES-B220 Datasheet
356Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
S13004 Rev. 13 - 2
logo
Monolithic Power System...
B220 MPS-B220 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
More results


Similar Description - B220

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com