Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY251 Datasheet (PDF) - Shenzhen Taychipst Electronic Co., Ltd

BY251 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd
Part # BY251
Download  BY251 Download
File Size   623.09 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description GENERAL PURPOSE RECTIFIERS

BY251 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY251 Datasheet PDF - Shenzhen Taychipst Electronic Co., Ltd

Part # BY251
Download  BY251 Click to download

File Size   623.09 Kbytes
Page   2 Pages
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd
Description GENERAL PURPOSE RECTIFIERS

BY251 Datasheet (HTML) - Shenzhen Taychipst Electronic Co., Ltd


BY251 Product details

FEATURES
• Superectifier structure for high reliability application
• Cavity-free glass-passivated junction
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
    For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes for both consumer and automotive applications.




Similar Part No. - BY251

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
BY251 TRSYS-BY251 Datasheet
128Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY251 JGD-BY251 Datasheet
144Kb / 2P
3.0 AMP.SILICON RECTIFIERS
logo
Semtech Corporation
BY251 SEMTECH-BY251 Datasheet
99Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Bytes
BY251 BYTES-BY251 Datasheet
150Kb / 2P
3.0 AMP SILICON RECTIFIERS
More results


Similar Description - BY251

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
logo
Dongguan City Niuhang E...
S2M NIUHANG-S2M Datasheet
398Kb / 3P
GENERAL PURPOSE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com