Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10XS3412 Datasheet (PDF) - Freescale Semiconductor, Inc

10XS3412 Datasheet PDF - Freescale Semiconductor, Inc
Part # 10XS3412
Download  10XS3412 Download
File Size   1411.87 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)

10XS3412 Datasheet (PDF)

Go To PDF Page Download Datasheet
10XS3412 Datasheet PDF - Freescale Semiconductor, Inc

Part # 10XS3412
Download  10XS3412 Click to download

File Size   1411.87 Kbytes
Page   51 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)

10XS3412 Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - 10XS3412

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
logo
NXP Semiconductors
10XS3412 NXP-10XS3412 Datasheet
1Mb / 60P
Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Similar Description - 10XS3412

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
Dual 24 V, 10 mOhm High Side Switch
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com