Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35XS3400 Datasheet (PDF) - Freescale Semiconductor, Inc

35XS3400 Datasheet PDF - Freescale Semiconductor, Inc
Part # 35XS3400_12
Download  35XS3400 Download
File Size   1238.69 Kbytes
Page   46 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Quad 35 mOhm)

35XS3400 Datasheet (PDF)

Go To PDF Page Download Datasheet
35XS3400 Datasheet PDF - Freescale Semiconductor, Inc

Part # 35XS3400_12
Download  35XS3400 Click to download

File Size   1238.69 Kbytes
Page   46 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Quad High Side Switch (Quad 35 mOhm)

35XS3400 Datasheet (HTML) - Freescale Semiconductor, Inc




Similar Part No. - 35XS3400_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
Quad High Side Switch
More results


Similar Description - 35XS3400_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33874 FREESCALE-33874 Datasheet
895Kb / 37P
Quad High-Side Switch (Quad 35 m??
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
Quad High Side Switch (Quad 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
Quad High Side Switch (Quad 15 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com