Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW95AP Datasheet (PDF) - Frontier Electronics.

BYW95AP Datasheet PDF - Frontier Electronics.
Part # BYW95AP
Download  BYW95AP Download
File Size   124.16 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A FAST RECOVERY PLASTIC RECTIFIER

BYW95AP Datasheet (PDF)

Go To PDF Page Download Datasheet
BYW95AP Datasheet PDF - Frontier Electronics.

Part # BYW95AP
Download  BYW95AP Click to download

File Size   124.16 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A FAST RECOVERY PLASTIC RECTIFIER

BYW95AP Datasheet (HTML) - Frontier Electronics.


BYW95AP Product details

FEATURES

 FAST RECOVERY TIMES

 UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND

 LOW COST

 HIGH SURGE CURRENT CAPABILITY

 DIFFUSED JUNCTION



MECHANICAL DATA

 CASE: TRANSFER MOLDED, DO201AD, DIMENSIONS IN INCHES AND (MILLIMETERS)

 TERMINAL: SOLDERABLE PER MIL-STD-202,METHOD 208

 POLARITY: CATHODE INDICATED BY COLOR BAND

 WEIGHT: 1.2 GRAMS




Similar Part No. - BYW95AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW95A PHILIPS-BYW95A Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
BYW95A BILIN-BYW95A Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Similar Description - BYW95AP

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BY396 FRONTIER-BY396 Datasheet
123Kb / 2P
3A FAST RECOVERY PLASTIC RECTIFIER
FR30-005 FRONTIER-FR30-005 Datasheet
124Kb / 2P
3A FAST RECOVERY PLASTIC RECTIFIER
FR30-005-LFR FRONTIER-FR30-005-LFR Datasheet
124Kb / 2P
3A FAST RECOVERY PLASTIC RECTIFIER
HER301 FRONTIER-HER301 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
HER301-LFR FRONTIER-HER301-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
MR850 FRONTIER-MR850 Datasheet
124Kb / 2P
3A FAST RECOVERY PLASTIC RECTIFIER
SF30-005 FRONTIER-SF30-005 Datasheet
127Kb / 2P
3A SUPER FAST RECOVERY RECTIFIER
SF30-005-LFR FRONTIER-SF30-005-LFR Datasheet
128Kb / 3P
3A SUPER FAST RECOVERY RECTIFIER
HER301G FRONTIER-HER301G Datasheet
970Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU340 DIODES-PDU340_16 Datasheet
486Kb / 6P
3A ULTRA-FAST RECOVERY RECTIFIER
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com