Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005 Datasheet (PDF) - Frontier Electronics.

DF005 Datasheet PDF - Frontier Electronics.
Part # DF005
Download  DF005 Download
File Size   120.66 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A BRIDGE RECTIFIERS

DF005 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF005 Datasheet PDF - Frontier Electronics.

Part # DF005
Download  DF005 Click to download

File Size   120.66 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A BRIDGE RECTIFIERS

DF005 Datasheet (HTML) - Frontier Electronics.


DF005 Product details

FEATURES
● PLASTIC MATERIAL USED CARRIES UNDERWRITERS
   LABORATORY RECOGNITION 94V-0
● GLASS PASSIVATED CHIP
● IDEAL FOR PRINTED CIRCUIT BOARD
● HIGH TEMPERATURE SOLDERING GUARANTEED:
   260°C /10S AT 5 LBS., (2.3KG) TENSION




Similar Part No. - DF005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF005 SSE-DF005 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF005 CHENYI-DF005 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF005 GOOD-ARK-DF005 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - DF005

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BL1-005 FRONTIER-BL1-005 Datasheet
121Kb / 2P
1A BRIDGE RECTIFIERS
DF005-LFR FRONTIER-DF005-LFR Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
1A SURFACE MOUNT BRIDGE RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
1A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS104G-T TSC-DBLS104G-T Datasheet
294Kb / 4P
1A, 400V - 1000V Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2_16 Datasheet
218Kb / 4P
1A, 200V - 1000V Glass Passivated Bridge Rectifiers
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB101F SECOS-MB101F Datasheet
210Kb / 2P
100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
logo
Chip Integration Techno...
DF101 CITC-DF101 Datasheet
91Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com