Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1084 Datasheet (PDF) - Sipex Corporation

SPX1084 Datasheet PDF - Sipex Corporation
Part # SPX1084
Download  SPX1084 Download
File Size   165.77 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1084 Datasheet PDF - Sipex Corporation

Part # SPX1084
Download  SPX1084 Click to download

File Size   165.77 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX1084 Datasheet (HTML) - Sipex Corporation


SPX1084 Product details

PRODUCT DESCRIPTION
The SPX1084 are low power 5A adjustable and fixed voltage regulators with 30V maximum VIN. They are very easy to use. It requires only 2 external resistors to set the output voltage for adjustable version. The SPX1084 are designed for low voltage applications that offers lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications. The SPX1084 features low dropout of a maximum of 1.2 volts.

FEATURES
• Adjustable Output Down To 1.2V
• Fixed Output Voltages 1.5, 2.5, 3.3 & 5.0V
• Output Current Of 5A
• Low Dropout Voltage 1.1V Typ.
• Extremely Tight Load And Line Regulation
• Current & Thermal Limiting
• Standard 3-Terminal Low Cost TO-220 & TO-263
• Similar To Industry Standard LT1085/LT1585

APPLICATIONS
• Powering VGA & Sound Card
• Power PC Supplies
• SMPS Post-Regulator
• High Efficiency “Green” Computer Systems
• High Efficiency Linear Power Supplies
• Portable Instrumentation
• Constant Current Regulators
• Adjustable Power Supplies
• Battery charger




Similar Part No. - SPX1084

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AT-5.0 SIPEX-SPX1083AT-5.0 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU SIPEX-SPX1083AU Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU-3.3 SIPEX-SPX1083AU-3.3 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083U SIPEX-SPX1083U Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
More results


Similar Description - SPX1084

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com