Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1117 Datasheet (PDF) - Sipex Corporation

SPX1117 Datasheet PDF - Sipex Corporation
Part # SPX1117
Download  SPX1117 Download
File Size   168.5 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 800mA Low Dropout Regulator

SPX1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1117 Datasheet PDF - Sipex Corporation

Part # SPX1117
Download  SPX1117 Click to download

File Size   168.5 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 800mA Low Dropout Regulator

SPX1117 Datasheet (HTML) - Sipex Corporation


SPX1117 Product details

DESCRIPTION

The SPX1117 is a low power positive-voltage regulator designed to satisfy moderate power requirements with a cost effective, small footprint solution. This device is an excellent choice for use in battery-powered applications and portable computers. The SPX1117 features very low quiescent current and a low dropout voltage of 1.1V at a full load. As output current decreases, quiescent current flows into the load, increasing efficiency. SPX1117 is available in adjustable or fixed 1.5V, 1.8V, 2.5V,2.5V, 2.85V, 3.0V, 3.3V and 5V output voltages.

The SPX1117 is offered in several 3-pin surface mount packages: SOT-223, TO-252, TO-220 and TO-263. An output capacitor of 10µF provides unconditional stability while a smaller 2.2µF capacitor is sufficient for most applications.



FEATURES

■ Guaranteed 0.8A Output Current

■ Guaranteed 1A Peak Current

■ Three Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V and 5V

■ Low Quiescent Current

■ Low Dropout Voltage of 1.1V at 0.8A

■ 0.1% Line and 0.2% Load Regulation

■ Stable with 2.2uF Ceramic Capacitor

■ Overcurrent and Thermal Protection

■ Lead Free, RoHS Compliant Packages: SOT-223,TO-252, TO-220, and TO-263



APPLICATIONS

■ Desktop PCs Servers

■ SCSI-II Active Terminator

■ Portable/ Palm Top / Notebook Computers

■ Cordless Phones

■ Battery Chargers

■ Disk Drives

■ Portable Consumer Equipment

■ Portable Instrumentation

■ SMPS Post-Regulator



 




Similar Part No. - SPX1117

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
SPX1117 SIPEX-SPX1117 Datasheet
464Kb / 16P
800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1117HM3 SIPEX-SPX1117HM3 Datasheet
464Kb / 16P
800mA Low Dropout Voltage Regulator
SPX1117HM3-1-5 SIPEX-SPX1117HM3-1-5 Datasheet
464Kb / 16P
800mA Low Dropout Voltage Regulator
More results


Similar Description - SPX1117

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
800mA Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
800mA Low-Dropout Linear Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
800mA Low-Dropout Linear Regulator
logo
Exar Corporation
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
logo
Texas Instruments
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
800mA Low-Dropout Linear Regulator
logo
Exar Corporation
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
800mA Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com