Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024RN-ILR/F Datasheet (PDF) - Maxim Integrated Products

73S8024RN-ILR/F Datasheet PDF - Maxim Integrated Products
Part # 73S8024RN-ILR/F
Download  73S8024RN-ILR/F Download
File Size   459.36 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Smart Card Interface

73S8024RN-ILR/F Datasheet (PDF)

Go To PDF Page Download Datasheet
73S8024RN-ILR/F Datasheet PDF - Maxim Integrated Products

Part # 73S8024RN-ILR/F
Download  73S8024RN-ILR/F Click to download

File Size   459.36 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Cost Smart Card Interface

73S8024RN-ILR/F Datasheet (HTML) - Maxim Integrated Products


73S8024RN-ILR/F Product details

DESCRIPTION

The 73S8024RN is a single smart card (ICC) interface IC that can be controlled by a dedicated control bus. The 73S8024RN has been designed to provide full electrical compliance with ISO 7816-3, EMV 4.0 (EMV2000) and NDS specifications.

Interfacing with the system controller is done through a control bus, composed of digital inputs to control the interface, and one interrupt output to inform the system controller of the card presence and faults. The card clock can be generated by an on-chip oscillator using an external crystal or by connection to a clock signal.



FEATURES

• Card Interface:

 - Complies with ISO 7816-3, EMV 4.0, and NDS

 - An LDO voltage regulator provides 3V / 5V to the card from an external power supply input

 - Provides at least 90mA to the card

 - ISO 7816-3 Activation / Deactivation sequencer with emergency automated deactivation on card removal or fault detected by the protection circuitry

 - Protection includes 3 voltage supervisors that detect voltage drops on VCC (card), VDD (digital)**, and VPC (regulator) power supplies

 - The VDD voltage supervisor threshold value can be externally adjusted**

 - Over-current detection 150mA max

 - Card clock stop high or low*

 - 2 card detection inputs, 1 for each possible user polarity

 - Auxiliary I/O lines, for C4 / C8 contact signals*

 - Card CLK clock frequency up to 20MHz

• System Controller Interface:

 - 3 Digital inputs control the card activation /deactivation, card reset and card voltage

 - 4 Digital inputs control the card clock (division rate and card clock stop modes)

 - 1 Digital output, interrupt to the system controller, allows the system controller to monitor the card presence and faults.

 - Crystal oscillator or host clock, up to 27MHz

• Regulator Power Supply:

 - 4.75V to 5.5V (EMV 4.0)

 - 4.85V to 5.5V (NDS)

• Digital Interfacing: 2.7V to 5.5V

• ±6kV ESD Protection on the card interface

• Package: SO28, 20QFN or 32QFN



APPLICATIONS

• Set-Top-Box Conditional Access and Pay-perView

• Point of Sales and Transaction Terminals

• Control Access and Identification



ADVANTAGES

• Traditional step-up converter is replaced by a LDO regulator:

 - Greatly reduced power dissipation

 - Fewer external components are required

 - Better noise performance

 - High current capability (90mA supplied to the card)

• SO28 package is pin-to-pin compatible with industry-standard TDA8004 and TDA8024

• Card clock STOP (high and low) mode

• Small format (4x4x0.85mm) 20QFN package option

• True card over-current detection



 




Similar Part No. - 73S8024RN-ILR/F

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8024RN-ILR/F TERIDIAN-73S8024RN-ILR/F Datasheet
383Kb / 27P
Low Cost Smart Card Interface
More results


Similar Description - 73S8024RN-ILR/F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
Smart Card Interface
Rev 1; 2/08
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
Smart Card Interface
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
Low Cost Versatile Smart Card Interface
73S8010R TERIDIAN-73S8010R Datasheet
349Kb / 24P
Low Cost Smart Card Interface
73S8024RN TERIDIAN-73S8024RN Datasheet
383Kb / 27P
Low Cost Smart Card Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
Maxim Integrated Produc...
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
Smart Card Interface
Rev 2; 12/11
logo
NXP Semiconductors
LPC11U00 PHILIPS-LPC11U00 Datasheet
551Kb / 2P
Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
logo
Maxim Integrated Produc...
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
Smart Card Interface
Rev 1; 4/13
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
Low Cost Smart Card Interface
August 2009
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com