Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1121 Datasheet (PDF) - Sipex Corporation

SPX1121 Datasheet PDF - Sipex Corporation
Part # SPX1121
Download  SPX1121 Download
File Size   157.69 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 150mA Low Dropout Voltage Regulator

SPX1121 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1121 Datasheet PDF - Sipex Corporation

Part # SPX1121
Download  SPX1121 Click to download

File Size   157.69 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 150mA Low Dropout Voltage Regulator

SPX1121 Datasheet (HTML) - Sipex Corporation


SPX1121 Product details

PRODUCT DESCRIPTION
The SPX1121 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX1121 features very low quiescent current and very low dropout voltage of 0.4 volts. This includes a tight initial tolerance of ± 1% max, and very low output temperature coefficient, making the SPX1121 useful as a low-power voltage reference.

FEATURES
• 1% Output Accuracy @ 2.5V, 3.3V, 5V, @ 150mA Output
• Very Low Quiescent Current
• 0.4V Dropout Voltage @ 150mA
• Extremely Tight Load And Line Regulation
• Current & Thermal Limiting
• Logic-Controlled Electronic Shutdown
• Reverse Battery Protection
• Output Programmable From 1.24 To 29V
• Equivalent Replacement For LT1121

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Radio Control Systems
• Portable/Palm Top/Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• Bar Code Scanners
• SMPS Post-Regulator
• Voltage Reference
• Automotive Electronics




Similar Part No. - SPX1121

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
81Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121 SIPEX-SPX1121 Datasheet
99Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121M3-3-3 SIPEX-SPX1121M3-3-3 Datasheet
99Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121M3-3-3/TR SIPEX-SPX1121M3-3-3/TR Datasheet
99Kb / 9P
150mA Low Dropout Voltage Regulator
SPX1121M3-3.3 SIPEX-SPX1121M3-3.3 Datasheet
81Kb / 9P
150mA Low Dropout Voltage Regulator
More results


Similar Description - SPX1121

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
150mA Low Dropout Voltage Regulator
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com