Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2092 Datasheet (PDF) - Maxim Integrated Products

MAX2092 Datasheet PDF - Maxim Integrated Products
Part # MAX2092
Download  MAX2092 Download
File Size   2081.43 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control

MAX2092 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2092 Datasheet PDF - Maxim Integrated Products

Part # MAX2092
Download  MAX2092 Click to download

File Size   2081.43 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 700MHz to 2700MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control

MAX2092 Datasheet (HTML) - Maxim Integrated Products


MAX2092 Product details

General Description
The MAX2092 high-linearity analog variable-gain amplifier (VGA) is a monolithic SiGe BiCMOS attenuator/amplifier/error amplifier with an alarm circuit designed to interface with 50I systems operating in the 700MHz to 2700MHz frequency range. The device features a gain range of +18.1dB to -22.3dB, a noise figure of 5.2dB, OIP3 linearity of +32.5dBm, and a wide RF bandwidth. Each of these features makes the device an ideal VGA for numerous receiver and transmitter applications. When paired with the MAX2091 or MAX2091B variable gain upconverter, a complete 2-chip IF-RF signal conditioning solution is possible for microwave point-to-point transmitters.

Benefits and Features
● Wide Band Analog VGA Increases System Performance
    • 700MHz to 2700MHz RF Frequency Range
    • High Linearity
        • +32.5dBm OIP3
        • +18.2dBm Output -1dB Compression Point
    • 18.1dB Gain with 40.4dB Attenuation Range and 0.03dB Gain Variation Over 100MHz Bandwidth at 1835MHz
    • 5.2dB Noise Figure (Includes Attenuator Insertion Loss)
● Integrated Error Amplifier and Alarm Circuit Simplifies ALC Operation
● Lowers Power Consumption with Power-Down Capability
● Package with Exposed Pad Improves Heat Dissipation and System Performance

Applications
● Microwave Point-to-Point Receivers and Transmitters
● RF Variable-Gain Stages
● Temperature Compensation Circuits
● Cellular Applications
● WiMAX® Applications
● LTE Applications
● Fixed Broadband Wireless Access
● Wireless Local Loop




Similar Part No. - MAX2092

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX209 MAXIM-MAX209 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
MAX209 MAXIM-MAX209 Datasheet
395Kb / 36P
5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX209 MAXIM-MAX209 Datasheet
2Mb / 23P
5V, RS-232 Transceivers with 0.1關F External Capacitors
Rev 7; 12/05
logo
ARTSCHIP ELECTRONICS CO...
MAX209 ARTSCHIP-MAX209 Datasheet
4Mb / 20P
Transceivers External Capacitors
logo
Maxim Integrated Produc...
MAX209 MAXIM-MAX209 Datasheet
676Kb / 38P
MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results


Similar Description - MAX2092

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091 Datasheet
5Mb / 29P
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
Rev 0; 7/12
MAX2090 MAXIM-MAX2090 Datasheet
1Mb / 14P
50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
Rev 1; 9/12
logo
RF Micro Devices
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
MAX2090 MAXIM-MAX2090_V01 Datasheet
688Kb / 14P
50MHz to 1000MHz Analog VGA with Threshold Alarm Circuit and Error Amplifier for Level Control
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com