Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1129 Datasheet (PDF) - Sipex Corporation

SPX1129 Datasheet PDF - Sipex Corporation
Part # SPX1129
Download  SPX1129 Download
File Size   165.2 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500mA Low Dropout Voltage Regulator

SPX1129 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1129 Datasheet PDF - Sipex Corporation

Part # SPX1129
Download  SPX1129 Click to download

File Size   165.2 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500mA Low Dropout Voltage Regulator

SPX1129 Datasheet (HTML) - Sipex Corporation


SPX1129 Product details

PRODUCT DESCRIPTION
The SPX1129 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX1129 features very low quiescent current and very low dropout voltage of 0.4 volts. This includes a tight initial tolerance of ± 1% max, and very low output temperature coefficient, making the SPX1129 useful as a low-power voltage reference.

FEATURES
• 1% Output Accuracy 2.5V, 3.3V, 5V, @ 500mA Output
• Very Low Quiescent Current
• 0.4V Dropout Voltage
• Extremely Tight Load and Line Regulation
• Current & Thermal Limiting
• Logic-Controlled Electronic Shutdown
• Reverse Battery Protection
• Output Programmable From 1.24 To 20V
• Equivalent Replacement For LT1129

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Radio Control Systems
• Portable/Palm Top/Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• Bar Code Scanners
• SMPS Post-Regulator
• Voltage Reference
• Automotive Electronics




Similar Part No. - SPX1129

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129M3-3-3 SIPEX-SPX1129M3-3-3 Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129M3-3-3/TR SIPEX-SPX1129M3-3-3/TR Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX1129M3-3.3 SIPEX-SPX1129M3-3.3 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
More results


Similar Description - SPX1129

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
500mA Low Dropout Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
500mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
500mA LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com