Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17600 Datasheet (PDF) - Maxim Integrated Products

MAX17600 Datasheet PDF - Maxim Integrated Products
Part # MAX17600
Download  MAX17600 Download
File Size   2831.23 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A Sink /Source Current, 12ns, Dual MOSFET Drivers

MAX17600 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17600 Datasheet PDF - Maxim Integrated Products

Part # MAX17600
Download  MAX17600 Click to download

File Size   2831.23 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4A Sink /Source Current, 12ns, Dual MOSFET Drivers

MAX17600 Datasheet (HTML) - Maxim Integrated Products


MAX17600 Product details

General Description
The MAX17600–MAX17605 devices are high-speed MOSFET drivers capable of sinking /sourcing 4A peak currents. The devices have various inverting and noninverting part options that provide greater flexibility in controlling the MOSFET. The devices have internal logic circuitry that prevents shoot-through during output-state changes. The logic inputs are protected against voltage spikes up to +14V, regardless of VDD voltage. Propagation delay time is minimized and matched between the dual channels.

Features
♦ Dual Drivers with Enable Inputs
♦ +4V to +14V Single Power-Supply Range
♦ 4A Peak Sink /Source Current
♦ Inputs Rated to +14V, Regardless of VDD Voltage
♦ Low 12ns Propagation Delay
♦ 6ns Typical Rise and 5ns Typical Fall Times with 1nF Load
♦ Matched Delays Between Channels
♦ Parallel Operation of Dual Outputs for Larger Driver Output Current
♦ TTL or HNM Logic-Level Inputs with Hysteresis for Noise Immunity
♦ Low Input Capacitance: 10pF (typ)
♦ Thermal Shutdown Protection
♦ TDFN, µMAX, and SO Package Options
♦ -40NC to +125NC Operating Temperature Range

Applications
    Power MOSFET Switching
    Switch-Mode Power Supplies
    DC-DC Converters
    Motor Control
    Power-Supply Modules




Similar Part No. - MAX17600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600ASA+ MAXIM-MAX17600ASA+ Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600ATA+ MAXIM-MAX17600ATA+ Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600AUA+ MAXIM-MAX17600AUA+ Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600EVKIT MAXIM-MAX17600EVKIT Datasheet
1Mb / 10P
4V to 14V Input Range
Rev 0; 6/12
More results


Similar Description - MAX17600

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com