Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM69P536C Datasheet (PDF) - Motorola, Inc

MCM69P536C Datasheet PDF - Motorola, Inc
Part # MCM69P536C
Download  MCM69P536C Download
File Size   210.72 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM69P536C Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69P536C Datasheet PDF - Motorola, Inc

Part # MCM69P536C
Download  MCM69P536C Click to download

File Size   210.72 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM69P536C Datasheet (HTML) - Motorola, Inc


MCM69P536C Product details

The MCM69P536C is a 1M–bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the 68K Family, PowerPC, 486, i960, and Pentium microprocessors. It is organized as 32K words of 36 bits each. This device integrates input registers, an output register, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.

The MCM69P536C operates from a 3.3 V power supply and all inputs and outputs are LVTTL compatible.

• MCM69P536C–4 = 4 ns Access / 7.5 ns Cycle
    MCM69P536C–4.5 = 4.5 ns Access / 8 ns Cycle
    MCM69P536C–5 = 5 ns Access / 10 ns Cycle
    MCM69P536C–6 = 6 ns Access / 12 ns Cycle
    MCM69P536C–7 = 7 ns Access / 13.3 ns Cycle
• Single 3.3 V + 10%, – 5% Power Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• 5 V Tolerant on all Pins (Inputs and I/Os)
• 100–Pin TQFP Package




Similar Part No. - MCM69P536C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4 MOTOROLA-MCM69P618CTQ4 Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4.5 MOTOROLA-MCM69P618CTQ4.5 Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4.5R MOTOROLA-MCM69P618CTQ4.5R Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4R MOTOROLA-MCM69P618CTQ4R Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM69P536C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com