Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC10-005 Datasheet (PDF) - Frontier Electronics.

SC10-005 Datasheet PDF - Frontier Electronics.
Part # SC10-005
Download  SC10-005 Download
File Size   113.27 Kbytes
Page   1 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SILICON RECTIFIER CELL

SC10-005 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC10-005 Datasheet PDF - Frontier Electronics.

Part # SC10-005
Download  SC10-005 Click to download

File Size   113.27 Kbytes
Page   1 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SILICON RECTIFIER CELL

SC10-005 Datasheet (HTML) - Frontier Electronics.


SC10-005 Product details

FEATURES

 IDEAL FOR HYBRID CIRCUITS

 SOLDER MOUNTING SURFACES

 TYPICAL IR LESS THAN 1μA

 DIFFUSED JUNCTION

 HIGH SURGE CAPABILITY

 MOUNTING POSITION: ANY

 A4 PACKAGE, DIMENSION IN INCHES AND (MILLIMETERS) CELL DESIGNATION: A SUFFIX LETTER IS ADDED TO THE PRIMARY CELL DESIGNATION TO INDICATES THE CELL VOLTAGE




Similar Part No. - SC10-005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC10-06305 FAIRVIEW-SC10-06305 Datasheet
437Kb / 2P
TRS Jack RFI Cap with 3” Stainless Steel Lanyard and .439-.443” D-Ring
REV 1.0A
More results


Similar Description - SC10-005

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5332 NTE-NTE5332 Datasheet
17Kb / 2P
Silicon Bridge Rectifier, 1A
logo
Shanghai Sunrise Electr...
RC10S01 SSE-RC10S01 Datasheet
14Kb / 1P
SILICON SILASTIC CELL RECTIFIER
RC10S01G SSE-RC10S01G Datasheet
14Kb / 1P
SILICON GPP CELL RECTIFIER
RC15S01 SSE-RC15S01 Datasheet
15Kb / 2P
SILICON SILASTIC CELL RECTIFIER
RC15S01G SSE-RC15S01G Datasheet
14Kb / 1P
SILICON GPP CELL RECTIFIER
RC30S01 SSE-RC30S01 Datasheet
14Kb / 1P
SILICON SILASTIC CELL RECTIFIER
RC30S01G SSE-RC30S01G Datasheet
17Kb / 1P
SILICON GPP CELL RECTIFIER
logo
Frontier Electronics.
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC60-005 FRONTIER-SC60-005 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
logo
Analog Microelectronics
AME2056 AME-AME2056 Datasheet
686Kb / 26P
1A Single Cell Li-ion
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com