Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS28 Datasheet (PDF) - Frontier Electronics.

SS28 Datasheet PDF - Frontier Electronics.
Part # SS28
Download  SS28 Download
File Size   182.3 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS28 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS28 Datasheet PDF - Frontier Electronics.

Part # SS28
Download  SS28 Click to download

File Size   182.3 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS28 Datasheet (HTML) - Frontier Electronics.


SS28 Product details

FEATURES

• FOR SURFACE MOUNTED APPLICATIONS

• LOW PROFILE PACKAGE

• BUILT-IN STRAIN RELIEF

• EASY PICK AND PLACE

• PLASTIC MATERIAL USED CARRIES UNDERWRITERS LABORATORY CLASSIFICATION 94 V-0

• EXTREMELY LOW VF

• MAJORITY CARRIER CONDUCTION

• HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS AT TERMINALS



 




Similar Part No. - SS28

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS28 MCC-SS28 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
SS28 FAIRCHILD-SS28 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS28 DAESAN-SS28 Datasheet
310Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS28 BILIN-SS28 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
MIC GROUP RECTIFIERS
SS28 MIC-SS28 Datasheet
94Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SS28

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SK22A CITC-SK22A Datasheet
164Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SK22AS CITC-SK22AS Datasheet
459Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SK22B CITC-SK22B Datasheet
153Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22B CITC-SKL22B Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22C CITC-SKL22C Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B220LWG-ST CITC-B220LWG-ST Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
B240LWG-S CITC-B240LWG-S Datasheet
90Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL22ASG CITC-SKL22ASG Datasheet
459Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL26AG CITC-SKL26AG Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
SKL26CG CITC-SKL26CG Datasheet
92Kb / 3P
2A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com