Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS32 Datasheet (PDF) - Frontier Electronics.

SS32 Datasheet PDF - Frontier Electronics.
Part # SS32
Download  SS32 Download
File Size   124.3 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS32 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS32 Datasheet PDF - Frontier Electronics.

Part # SS32
Download  SS32 Click to download

File Size   124.3 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SS32 Datasheet (HTML) - Frontier Electronics.


SS32 Product details

FEATURES

• FOR SURFACE MOUNTED APPLICATIONS

• LOW PROFILE PACKAGE

• BUILT-IN STRAIN RELIEF

• EASY PICK AND PLACE

• PLASTIC MATERIAL USED CARRIES UNDERWRITERS LABORATORY CLASSIFICATION 94 V-0

• EXTREMELY LOW VF

• MAJORITY CARRIER CONDUCTION

• HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS AT TERMINALS



 




Similar Part No. - SS32

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS32 SSE-SS32 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS32 GE-SS32 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS32 MCC-SS32 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results


Similar Description - SS32

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B FRONTIER-SS32B Datasheet
124Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SK32C CITC-SK32C Datasheet
153Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL32CG CITC-SKL32CG Datasheet
92Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
3A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com