Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34063AD Datasheet (PDF) - System Logic Semiconductor

34063AD Datasheet PDF - System Logic Semiconductor
Part # 34063AD
Download  34063AD Download
File Size   73.57 Kbytes
Page   2 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description DC-TO-DC CONVERTER CONTROL CIRCUITS

34063AD Datasheet (PDF)

Go To PDF Page Download Datasheet
34063AD Datasheet PDF - System Logic Semiconductor

Part # 34063AD
Download  34063AD Click to download

File Size   73.57 Kbytes
Page   2 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description DC-TO-DC CONVERTER CONTROL CIRCUITS

34063AD Datasheet (HTML) - System Logic Semiconductor


34063AD Product details

DC-TO-DC CONVERTER CONTROL CIRCUITS



The SL34063A is a monolithic control circuit containing the primary functions required for DC-to-DC converters. These devices consist of an internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active current limit circuit, driver and high current output switch. This series was specifically designed to be incorporated in Step-Down and Step-Up and Voltage-Inverting applications with a minimum number of external components.



FEATURES

·   Operation from 3.0 V to 40 V Input

·   Low Standby Current

·   Current Limiting

·   Output Switch Current to 1.5 A

·   Output Voltage Adjustable

·   Frequency Operation to 100 kHz

·   Precision 2% Reference




Similar Part No. - 34063AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063AD ETC-34063AD Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
IK Semicon Co., Ltd
34063AD IKSEMICON-34063AD Datasheet
367Kb / 10P
DC-TO-DC CONVERTER CONTROL CIRCUITS
More results


Similar Description - 34063AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Suntac Electronic Corp.
S34063 SUNTAC-S34063 Datasheet
147Kb / 6P
DC-to-DC CONVERTER CONTROL CIRCUITS
logo
Wing Shing Computer Com...
MC34063A WINGS-MC34063A Datasheet
436Kb / 15P
DC-TO-DC Converter Control Circuits
logo
Linear Dimensions Semic...
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
DC-to-DC Converter Control Circuits
logo
Estek Electronics Co. L...
KGM34063AS ESTEK-KGM34063AS Datasheet
230Kb / 13P
DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Tiger Electronic Co.,Lt...
MC34063A TGS-MC34063A Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
MC34063AD TGS-MC34063AD Datasheet
523Kb / 9P
DC-to-DC Converter Control Circuits
logo
Guangdong Kexin Industr...
KM34064 KEXIN-KM34064 Datasheet
336Kb / 7P
DC-to-DC Converter Control Circuits
MC34063A KEXIN-MC34063A Datasheet
2Mb / 7P
DC-to-DC Converter Control Circuits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com