Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4013B Datasheet (PDF) - System Logic Semiconductor

SL4013B Datasheet PDF - System Logic Semiconductor
Part # SL4013B
Download  SL4013B Download
File Size   39.62 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Dual D Flip-Flop

SL4013B Datasheet (PDF)

Go To PDF Page Download Datasheet
SL4013B Datasheet PDF - System Logic Semiconductor

Part # SL4013B
Download  SL4013B Click to download

File Size   39.62 Kbytes
Page   5 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Dual D Flip-Flop

SL4013B Datasheet (HTML) - System Logic Semiconductor


SL4013B Product details

Dual D Flip-Flop
High-Voltage Silicon-Gate CMOS

The SL4013B consists of two identical, independent data-type flip-flops. Each flip-flop has independent data, set, reset, and clock inputs and Q and Q outputs. These devices can be used for shift register applications, and, by connecting Q output to the data input, for counter and toggle applications. The logic level present at the D input is transferred to the Q output during the positive-going transition of the clock pulse. Setting or resetting is independent of the clock and is accomplished by a high level on the set or reset line, respectively.

● Operating Voltage Range: 3.0 to 18 V
● Maximum input current of 1 mA at 18 V over full package
   temperature range; 100 nA at 18 V and 25°C
● Noise margin (over full package temperature range):
   1.0 V min @ 5.0 V supply
   2.0 V min @ 10.0 V supply




Similar Part No. - SL4013B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4011B SLS-SL4011B Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4011BD SLS-SL4011BD Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4011BN SLS-SL4011BN Datasheet
30Kb / 4P
Quad 2-Input NAND Gate
SL4012B SLS-SL4012B Datasheet
30Kb / 4P
Dual 4-Input NAND Gate
SL4012BD SLS-SL4012BD Datasheet
30Kb / 4P
Dual 4-Input NAND Gate
More results


Similar Description - SL4013B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
Dual Type D Flip-Flop
logo
National Semiconductor ...
CD4013BM NSC-CD4013BM Datasheet
141Kb / 6P
Dual D Flip-Flop
MM54C74 NSC-MM54C74 Datasheet
120Kb / 6P
Dual D Flip-Flop
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
Dual D-Type Flip-Flop
logo
KODENSHI_AUK CORP.
KK4013B KODENSHI-KK4013B Datasheet
263Kb / 6P
Dual D Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
Dual D-Type Flip Flop
logo
Unisonic Technologies
U74HC74 UTC-U74HC74_15 Datasheet
123Kb / 5P
DUAL D FLIP-FLOP
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com