Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4029B Datasheet (PDF) - System Logic Semiconductor

SL4029B Datasheet PDF - System Logic Semiconductor
Part # SL4029B
Download  SL4029B Download
File Size   84.88 Kbytes
Page   8 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Presettable Up/Down Counter

SL4029B Datasheet (PDF)

Go To PDF Page Download Datasheet
SL4029B Datasheet PDF - System Logic Semiconductor

Part # SL4029B
Download  SL4029B Click to download

File Size   84.88 Kbytes
Page   8 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Presettable Up/Down Counter

SL4029B Datasheet (HTML) - System Logic Semiconductor


SL4029B Product details

Presettable Up/Down Counter
High-Voltage Silicon-Gate CMOS

The SL4029B consists of a four-stage binary or BCD-decade up/down counter with provisions for look-ahead carry in both counting modes. The inputs consists of a single CLOCK, CARRY IN,(CLOCK ENABLE), BINARY/DECADE, UP/DOWN, PRESET ENABLE, and four individual JAM signals. Q1, Q2, Q3, Q4 and a CARRY OUT signal are provided as outputs.
Parallel clocking provides synchronous control and hence faster response from all counting outputs. Ripple-clocking allows for longer clock input rise and fall times.

 • Operating Voltage Range: 3.0 to 18 V
 • Maximum input current of 1 μA at 18 V over full package temperature range; 100 nA at 18 V and 25°C
 • Noise margin (over full package temperature range):
    1.0 V min @ 5.0 V supply
    2.0 V min @ 10.0 V supply
    2.5 V min @ 15.0 V supply




Similar Part No. - SL4029B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BD SLS-SL4020BD Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4020BN SLS-SL4020BN Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
SL4023B SLS-SL4023B Datasheet
30Kb / 4P
Triple 3-Input NAND Gate
SL4023BD SLS-SL4023BD Datasheet
30Kb / 4P
Triple 3-Input NAND Gate
More results


Similar Description - SL4029B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
System Logic Semiconduc...
SL4516B SLS-SL4516B Datasheet
66Kb / 6P
Presettable Up/Down Counter
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER
logo
STMicroelectronics
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
PRESETTABLE BINARY UP/DOWN COUNTER
Sep-2002
HCF4510B STMICROELECTRONICS-HCF4510B_02 Datasheet
484Kb / 11P
PRESETTABLE BCD UP/DOWN COUNTER
Sep-2002
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com