Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4052B Datasheet (PDF) - System Logic Semiconductor

SL4052B Datasheet PDF - System Logic Semiconductor
Part # SL4052B
Download  SL4052B Download
File Size   61.29 Kbytes
Page   6 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS

SL4052B Datasheet (PDF)

Go To PDF Page Download Datasheet
SL4052B Datasheet PDF - System Logic Semiconductor

Part # SL4052B
Download  SL4052B Click to download

File Size   61.29 Kbytes
Page   6 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS

SL4052B Datasheet (HTML) - System Logic Semiconductor


SL4052B Product details

Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS

The SL4052B analog multiplexer/demultiplexer is digitally controlled analog switches having low ON impedance and very low OFF leakage current. Control of analog signals up to 20V peak-to-peak can be achieved by digital signal amplitudes of 4.5 to 20V (if VCC - GND = 3V, a VCC - VEE of up to 13 V can be controlled; for VCC - VEE level differences above 13V a VCC - GND of at least 4.5V is required).
These multiplexer circuits dissipate extremely low quiescent power over the full VCC -GND and VCC - VEE supply-voltage ranges, independent of the logic state of the control signals. When a logic “1”is present at the ENABLE input terminal all channels are off.
The SL4052 is a differential 4-channel multiplexer having two binary control inputs. A and B, and an enable input. The two binary input signals select 1 of 4 pairs of channels to turned on and connect the analog inputs to the outputs.

 • Operating Voltage Range: 3.0 to 18 V
 • Maximum input current of 1 μA at 18 V over full package-temperature range; 100 nA at 18 V and 25°C
 • Noise margin (over full package temperature range):
    1.0 V min @ 5.0 V supply
    2.0 V min @ 10.0 V supply
    2.5 V min @ 15.0 V supply




Similar Part No. - SL4052B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4050B SLS-SL4050B Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4050BD SLS-SL4050BD Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4050BN SLS-SL4050BN Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4051 SLS-SL4051 Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
SL4051B SLS-SL4051B Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
More results


Similar Description - SL4052B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC4052 SLS-SL74HC4052 Datasheet
88Kb / 9P
Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4051A KODENSHI-KK74HC4051A Datasheet
307Kb / 9P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
KK4051B KODENSHI-KK4051B Datasheet
316Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com