Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL4053B Datasheet (PDF) - System Logic Semiconductor

SL4053B Datasheet PDF - System Logic Semiconductor
Part # SL4053B
Download  SL4053B Download
File Size   61.15 Kbytes
Page   6 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Analog Multiplexer Demultiplexer

SL4053B Datasheet (PDF)

Go To PDF Page Download Datasheet
SL4053B Datasheet PDF - System Logic Semiconductor

Part # SL4053B
Download  SL4053B Click to download

File Size   61.15 Kbytes
Page   6 Pages
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor
Description Analog Multiplexer Demultiplexer

SL4053B Datasheet (HTML) - System Logic Semiconductor


SL4053B Product details

Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS

The SL4053B analog multiplexer/demultiplexer is digitally controlled analog switches having low ON impedance and very low OFF leakage current. Control of analog signals up to 20V peak-to-peak can be achieved by digital signal amplitudes of 4.5 to 20V (if VCC - GND = 3V, a VCC - VEE of up to 13 V can be controlled; for VCC - VEE level differences above 13V a VCC - GND of at least 4.5V is required).
These multiplexer circuits dissipate extremely low quiescent power over the full VCC -GND and VCC - VEE supply-voltage ranges, independent of the logic state of the control signals. When a logic “1”is present at the ENABLE input terminal all channels are off.
The SL4053B is a triple 2-channel multiplexer having three separate digital control inputs, A, B, and C, and an enable input. Each control input selects one of a pair of channels which are connected in a singlepole double-throw configuration.

 • Operating Voltage Range: 3.0 to 18 V
 • Maximum input current of 1 μA at 18 V over full package temperature range; 100 nA at 18 V and 25°C
 • Noise margin (over full package temperature range):
    1.0 V min @ 5.0 V supply
    2.0 V min @ 10.0 V supply
    2.5 V min @ 15.0 V supply




Similar Part No. - SL4053B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4050B SLS-SL4050B Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4050BD SLS-SL4050BD Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4050BN SLS-SL4050BN Datasheet
32Kb / 4P
Hex Buffer/Converter
SL4051 SLS-SL4051 Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
SL4051B SLS-SL4051B Datasheet
59Kb / 6P
Analog Multiplexer Demultiplexer
More results


Similar Description - SL4053B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVXT8051 ONSEMI-MC74LVXT8051_14 Datasheet
173Kb / 12P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 5
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4052 ONSEMI-MC74LVX4052_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 7
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com