Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4561EUT+T Datasheet (PDF) - Maxim Integrated Products

MAX4561EUT+T Datasheet PDF - Maxim Integrated Products
Part # MAX4561EUT+T
Download  MAX4561EUT+T Download
File Size   147.43 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches

MAX4561EUT+T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4561EUT+T Datasheet PDF - Maxim Integrated Products

Part # MAX4561EUT+T
Download  MAX4561EUT+T Click to download

File Size   147.43 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches

MAX4561EUT+T Datasheet (HTML) - Maxim Integrated Products


MAX4561EUT+T Product details

General Description
The MAX4561/MAX4568/MAX4569 are low-voltage, ESD-protected analog switches. The normally open(NO) and normally closed (NC) inputs are protected against ±15kV electrostatic discharge (ESD) without latchup or damage, and the COM input is protected against 2.5kV ESD.

Features
♦ ESD-Protected NO, NC
   ±15kV—Human Body Model
   ±15kV—IEC 1000-4-2, Air-Gap Discharge
   ±8kV—IEC 1000-4-2, Contact Discharge
♦ Guaranteed On-Resistance
   70Ω +5V Supply
   120Ω with Single +3V Supply
♦ On-Resistance Match Between Channels (2Ω max)
♦ Low On-Resistance Flatness: 4Ω max
♦ Guaranteed Low Leakage Currents
   0.5nA Off-Leakage (at TA = +25°C)
   0.5nA On-Leakage (at TA = +25°C)
♦ Guaranteed Break-Before-Make at 5ns (MAX4561 only)
♦ Rail-to-Rail Signal Handling Capability
♦ TTL/CMOS-Logic Compatible with +5V Supplies
♦ Industry Standard Pin-Outs
   MAX4561 Pin Compatible with MAX4544 MAX4568/MAX4569 Pin Compatible with MAX4514/MAX4515

Applications
High-ESD Environments
Battery-Powered Systems
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communications Circuits




Similar Part No. - MAX4561EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4561EUT-T MAXIM-MAX4561EUT-T Datasheet
234Kb / 12P
±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
More results


Similar Description - MAX4561EUT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com